PART |
Description |
Maker |
623-5D 623-5J 623-5W 623-50D 623-50J 623-50W 623-1 |
Resistor-Programmable SOT Temperature Switches Low-Cost, Remote SOT Temperature Switches 5V/3.3V/3V Adjustable, High-Efficiency, Low-IQ, Step-Down DC-DC Converters 50ppm/°C, SOT23, 3-Terminal, 1.2V Voltage Reference Logic IC 逻辑IC
|
Xicon Passive Components Glenair, Inc. Electronic Theatre Controls, Inc.
|
ADT6401 ADT6402 |
Low Cost, 2.7 V to 5.5 V, Pin-Selectable Temperature Switch in SOT-23 (Open Drain Output) Low Cost, 2.7 V to 5.5 V, Pin-Selectable Temperature Switches in SOT-23 (Push-Pull Output)
|
Analog Devices
|
ADT6503ARJP005 ADT6504 ADT6504ARJN005 ADT6501ARJP1 |
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
|
AD[Analog Devices]
|
ADT6503 ADT6504 |
Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switch in SOT-23 (Monitors Temps from 5°C to 15°C)
|
Analog Devices
|
AE410 |
drive or pre-drive amplifier designed in a low cost SOT-89 package
|
RFHIC
|
ISL12058 ISL12058IBZ ISL12058IBZ-T ISL12058IRTZ IS |
Low Cost and Low Power I2C-Bus Real Time Clock/Calendar Low Cost and Low Power I2C-Bus™ Real Time Clock/Calendar Low Power and Low Cost RTC with Alarm Function; 8-MSOP; Ind Temp REAL TIME CLOCK, PDSO8 Low Cost and Low Power I2C-Bus垄芒 Real Time Clock/Calendar
|
Intersil, Corp. Intersil Corporation
|
MAX9075 MAX9075EUK-T MAX9075EXK-T MAX9077 MAX9077E |
Low-Cost, Ultra-Small, 3A Single-Supply Comparators Low-Cost / Ultra-Small / 3A Single-Supply Comparators Low-Cost, Ultra-Small, 3レA Single-Supply Comparators 低成本、超小型3µA、单电源比较 Low-Cost, Ultra-Small, 3レA Single-Supply Comparators COMPARATOR, 8000 uV OFFSET-MAX, 580 ns RESPONSE TIME, PDSO5
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ADTL08207 ADTL082JR ADTL082JR-REEL ADTL082JR-REEL7 |
Low Cost JFET Input Dual Operational Amplifier Low Cost JFET Input Operational Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: Industrial Low Cost JFET Input Operational Amplifiers Low Cost JFET Input Operational Amplifier; Package: SOIC; No of Pins: 14; Temperature Range: Commercial QUAD OP-AMP, 10000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO14 Low Cost JFET Input Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Commercial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MAX6001 MAX6001EUR-T MAX6002 MAX6002EUR-T MAX6003 |
Low-Cost Low-Power Low-Dropout SOT23-3 Voltage References " Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References" Low-Cost / Low-Power / Low-Dropout / SOT23-3 Voltage References Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Metal; Series:MS3106E; Number of Contacts:3; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC
|
MAX705 MAX705CPA MAX705CSA MAX705CUA MAX705EPA MAX |
Quadruple 2-Input Multiplexers With Storage 16-CFP -55 to 125 Quadruple 2-Input Multiplexers With Storage 16-CDIP -55 to 125 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT08; Number of Contacts:4; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Right Angle Plug Low-Cost / uP Supervisory Circuits From old datasheet system Low-Cost uP Supervisory Circuits Low-Cost, μP Supervisory Circuits Low-Cost, uP Supervisory Circuits
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|